Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 141Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 142Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 143Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 144Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 145Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 146Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 147Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 148Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 145
PIC32MX5XX/6XX/7XX
18.0 INTER-INTEGRATED
CIRCUIT™ (I2C™)
The I2C module provides complete hardware support
for both Slave and Multi-Master modes of the I2C serial
communication standard. Figure 18-1 illustrates the
I2C module block diagram.
Each I2C module has a 2-pin interface: the SCLx pin is
clock and the SDAx pin is data.
Each I2C module offers the following key features:
•I2C interface supporting both master and slave
operation
•I2C Slave mode supports 7-bit and 10-bit addressing
•I2C Master mode supports 7-bit and 10-bit
addressing
•I2C port allows bidirectional transfers between
master and slaves
• Serial clock synchronization for the I2C port can
be used as a handshake mechanism to suspend
and resume serial transfer (SCLREL control)
•I2C supports multi-master operation; detects bus
collision and arbitrates accordingly
• Provides support for address bit masking
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 24. “Inter-
Integrated Circuit™ (I2C™)”
(DS61116)
in the “PIC32 Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com