Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 123Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 124Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 125Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 126Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 127Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 128Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 129Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 130Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 127
PIC32MX5XX/6XX/7XX
9.0
PREFETCH CACHE
Prefetch cache increases performance for applications
executing out of the cacheable program Flash memory
regions by implementing instruction caching, constant
data caching and instruction prefetching.
9.1
Features
• 16 fully associative lockable cache lines
• 16-byte cache lines
• Up to four cache lines allocated to data
• Two cache lines with address mask to hold
repeated instructions
• Pseudo LRU replacement policy
• All cache lines are software writable
• 16-byte parallel memory fetch
• Predictive instruction prefetch
A simplified block diagram of the Prefetch Cache
module is illustrated in Figure 9-1.
FIGURE 9-1:
PREFETCH CACHE MODULE BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 4. “Prefetch
Cache” (DS61119) in the “PIC32 Family
Reference Manual”, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Hit Logic
Tag Logic
Cache Line
Cache
Line
Address
Encode
FSM
Bus Ctrl
Cache Ctrl
Prefetch Ctrl
Hit LRU
Miss LRU
RDATA
CTRL
CTRL
PFM
PreFetch
PreFetch
Tag
Pre-Fetch
Pre-Fetch
Prefetch
Prefetch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com