Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 149Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 150Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 151Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 152Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 153Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 154Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 155Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 156Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 153
PIC32MX5XX/6XX/7XX
22.0 10-BIT ANALOG-TO-DIGITAL
CONVERTER (ADC)
The PIC32MX5XX/6XX/7XX 10-bit Analog-to-Digital
Converter (ADC) includes the following features:
• Successive Approximation Register (SAR)
conversion
• Up to 1 Msps conversion speed
• Up to 16 analog input pins
• External voltage reference input pins
• One unipolar, differential Sample and Hold
Amplifier (SHA)
• Automatic Channel Scan mode
• Selectable conversion trigger source
• 16-word conversion result buffer
• Selectable buffer fill modes
• Eight conversion result format options
• Operation during CPU Sleep and Idle modes
A block diagram of the 10-bit ADC is illustrated in
Figure 22-1. The 10-bit ADC has up to 16 analog input
pins, designated AN0-AN15. In addition, there are two
analog input pins for external voltage reference
connections. These voltage reference inputs may be
shared with other analog input pins and may be
common to other analog module references.
The analog inputs are connected through two multi-
plexers (MUXs) to one SHA. The analog input MUXs
can be switched between two sets of analog inputs
between conversions. Unipolar differential conversions
are possible on all channels, other than the pin used as
the reference, using a reference input pin (see
Figure 22-1).
The Analog Input Scan mode sequentially converts
user-specified channels. A control register specifies
which analog input channels will be included in the
scanning sequence.
The 10-bit ADC is connected to a 16-word result buffer.
Each 10-bit result is converted to one of eight 32-bit
output formats when it is read from the result buffer.
FIGURE 22-1:
ADC1 MODULE BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 17. “10-bit
Analog-to-Digital Converter (ADC)”
(DS61104)
in
the
“PIC32
Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
SAR ADC
S/H
ADC1BUF0
ADC1BUF1
ADC1BUF2
ADC1BUFF
ADC1BUFE
AN0
AN15
AN1
VREFL
CH0SB<4:0>
CH0NA CH0NB
+
-
CH0SA<4:0>
Channel
Scan
CSCNA
Alternate
VREF+(1) AVDD
AVSS
VREF-(1)
Note
1:
VREF+ and VREF- inputs can be multiplexed with other analog inputs.
Input Selection
VREFH
VREFL
VCFG<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com