Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 151Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 152Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 153Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 154Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 155Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 156Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 157Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 158Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 155
PIC32MX5XX/6XX/7XX
23.0 CONTROLLER AREA
NETWORK (CAN)
The Controller Area Network (CAN) module supports
the following key features:
• Standards Compliance:
- Full CAN 2.0B compliance
- Programmable bit rate up to 1 Mbps
• Message Reception and Transmission:
- 32 message FIFOs
- Each FIFO can have up to 32 messages for a
total of 1024 messages
- FIFO can be a transmit message FIFO or a
receive message FIFO
- User-defined priority levels for message
FIFOs used for transmission
- 32 acceptance filters for message filtering
- Four acceptance filter mask registers for
message filtering
- Automatic response to remote transmit request
- DeviceNet™ addressing support
• Additional Features:
- Loopback, Listen All Messages and Listen
Only modes for self-test, system diagnostics
and bus monitoring
- Low-power operating modes
- CAN module is a bus master on the PIC32
system bus
- Use of DMA is not required
- Dedicated time-stamp timer
- Dedicated DMA channels
- Data-only Message Reception mode
Figure 23-1 illustrates the general structure of the CAN
module.
FIGURE 23-1:
PIC32 CAN MODULE BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 34. “Controller
Area Network (CAN)”
(DS61154) in the
“PIC32 Family Reference Manual”
, which
is available from the Microchip web site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Message Buffer 31
Message Buffer 1
Message Buffer 0
Message Buffer 31
Message Buffer 1
Message Buffer 0
Message Buffer 31
Message Buffer 1
Message Buffer 0
FIFO0
FIFO1
FIFO31
System RAM
CAN Message FIFO (up to 32 FIFOs)
Message
Buffer Size
2 or 4 Words
System Bus
CPU
CAN Module
32 Filters
4 Masks
CxTX
CxRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com