Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 154Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 155Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 156Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 157Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 158Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 159Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 160Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 161Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 158
© 2009-2011 Microchip Technology Inc.
Table 24-1, Table 24-2, Table 24-3 and Table 24-4
show four interfaces and the associated pins that can
be used with the Ethernet Controller.
TABLE 24-1:
MII MODE DEFAULT
INTERFACE SIGNALS
(FMIIEN = 1, FETHIO = 1)
Pin Name
Description
EMDC
Management Clock
EMDIO
Management I/O
ETXCLK
Transmit Clock
ETXEN
Transmit Enable
ETXD0
Transmit Data
ETXD1
Transmit Data
ETXD2
Transmit Data
ETXD3
Transmit Data
ETXERR
Transmit Error
ERXCLK
Receive Clock
ERXDV
Receive Data Valid
ERXD0
Receive Data
ERXD1
Receive Data
ERXD2
Receive Data
ERXD3
Receive Data
ERXERR
Receive Error
ECRS
Carrier Sense
ECOL
Collision Indication
TABLE 24-2:
RMII MODE DEFAULT
INTERFACE SIGNALS
(FMIIEN = 0, FETHIO = 1)
Pin Name
Description
EMDC
Management Clock
EMDIO
Management I/O
ETXEN
Transmit Enable
ETXD0
Transmit Data
ETXD1
Transmit Data
EREFCLK
Reference Clock
ECRSDV
Carrier Sense – Receive Data Valid
ERXD0
Receive Data
ERXD1
Receive Data
ERXERR
Receive Error
Note:
Ethernet controller pins that are not used
by selected interface can be used by other
peripherals.
TABLE 24-3:
MII MODE ALTERNATE
INTERFACE SIGNALS
(FMIIEN = 1, FETHIO = 0)(1)
Pin Name
Description
AEMDC
Management Clock
AEMDIO
Management I/O
AETXCLK
Transmit Clock
AETXEN
Transmit Enable
AETXD0
Transmit Data
AETXD1
Transmit Data
AETXD2
Transmit Data
AETXD3
Transmit Data
AETXERR
Transmit Error
AERXCLK
Receive Clock
AERXDV
Receive Data Valid
AERXD0
Receive Data
AERXD1
Receive Data
AERXD2
Receive Data
AERXD3
Receive Data
AERXERR
Receive Error
AECRS
Carrier Sense
AECOL
Collision Indication
Note 1:
MII Alternate Interface is not available on
64-pin devices.
TABLE 24-4:
RMII MODE ALTERNATE
INTERFACE SIGNALS
(FMIIEN = 0, FETHIO = 0)
Pin Name
Description
AEMDC
Management Clock
AEMDIO
Management I/O
AETXEN
Transmit Enable
AETXD0
Transmit Data
AETXD1
Transmit Data
AEREFCLK
Reference Clock
AECRSDV
Carrier Sense – Receive Data Valid
AERXD0
Receive Data
AERXD1
Receive Data
AERXERR
Receive Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com