Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 157Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 158Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 159Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 160Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 161Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 162Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 163Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 164Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 161
PIC32MX5XX/6XX/7XX
26.0 COMPARATOR VOLTAGE
REFERENCE (CVREF)
The CVREF module is a 16-tap, resistor ladder network
that provides a selectable reference voltage. Although
its primary purpose is to provide a reference for the
analog comparators, it also may be used independently
of them.
A block diagram of the module is illustrated in
Figure 26-1. The resistor ladder is segmented to
provide two ranges of voltage reference values and has
a power-down function to conserve power when the
reference is not being used. The module’s supply refer-
ence can be provided from either device VDD/VSS or an
external voltage reference. The CVREF output is avail-
able for the comparators and typically available for pin
output.
The comparator voltage reference has the following
features:
• High and low range selection
• Sixteen output levels available for each range
• Internally connected to comparators to conserve
device pins
• Output can be connected to a pin
FIGURE 26-1:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 20. “Comparator
Voltage Reference (CVREF)”
(DS61109)
in the “PIC32 Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
CVR<3:0>
8R
R
CVREN
CVRSS = 0
AVDD
VREF+
CVRSS = 1
8R
CVRSS = 0
VREF-
CVRSS = 1
R
R
R
R
R
R
16 Steps
CVRR
CVREFOUT
AVSS
CVROE (CVRCON<6>)
CVREF
VREFSEL(1)
IVREF
1.2V
0.6V
BGSEL<1:0>(1)
Note 1: This bit is not available on PIC32MX575/675/695/775 devices. On these devices CVREF is generated by the Register
network and IVREF is connected to 0.6V.
CVRSRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com