Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 159Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 160Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 161Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 162Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 163Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 164Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 165Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 166Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 163
PIC32MX5XX/6XX/7XX
27.0 POWER-SAVING FEATURES
This section describes power-saving features for the
PIC32MX5XX/6XX/7XX family of devices. These
devices offer a total of nine methods and modes,
organized into two categories, that allow the user to
balance power consumption with device performance.
In all of the methods and modes described in this
section, power-saving is controlled by software.
27.1
Power-Saving with CPU Running
When the CPU is running, power consumption can be
controlled by reducing the CPU clock frequency,
lowering the PBCLK and by individually disabling
modules. These methods are grouped into the
following categories:
• FRC Run mode: the CPU is clocked from the FRC
clock source with or without postscalers.
• LPRC Run mode: the CPU is clocked from the
LPRC clock source.
•SOSC Run mode: the CPU is clocked from the
SOSC clock source.
In addition, the Peripheral Bus Scaling mode is available
where peripherals are clocked at the programmable
fraction of the CPU clock (SYSCLK).
27.2
CPU Halted Methods
The device supports two power-saving modes, Sleep
and Idle, both of which Halt the clock to the CPU. These
modes operate with all clock sources, as listed below:
•POSC Idle mode: the system clock is derived from
the POSC. The system clock source continues to
operate. Peripherals continue to operate, but can
optionally be individually disabled.
• FRC Idle mode: the system clock is derived from
the FRC with or without postscalers. Peripherals
continue to operate, but can optionally be
individually disabled.
•SOSC Idle mode: the system clock is derived from
the SOSC. Peripherals continue to operate, but
can optionally be individually disabled.
• LPRC Idle mode: the system clock is derived from
the LPRC. Peripherals continue to operate, but
can optionally be individually disabled. This is the
lowest power mode for the device with a clock
running.
• Sleep mode: the CPU, the system clock source
and any peripherals that operate from the system
clock source are Halted. Some peripherals can
operate in Sleep using specific clock sources.
This is the lowest power mode for the device.
27.3
Power-Saving Operation
Peripherals and the CPU can be halted or disabled to
further reduce power consumption.
27.3.1
SLEEP MODE
Sleep mode has the lowest power consumption of the
device power-saving operating modes. The CPU and
most peripherals are halted. Select peripherals can
continue to operate in Sleep mode and can be used to
wake the device from Sleep. See the individual
peripheral module sections for descriptions of
behavior in Sleep.
Sleep mode includes the following characteristics:
• The CPU is halted
• The system clock source is typically shutdown.
See Section 27.3.3 “Peripheral Bus Scaling
Method”
for specific information.
• There can be a wake-up delay based on the
oscillator selection
• The Fail-Safe Clock Monitor (FSCM) does not
operate during Sleep mode
• The BOR circuit, if enabled, remains operative
during Sleep mode
• The WDT, if enabled, is not automatically cleared
prior to entering Sleep mode
• Some peripherals can continue to operate at
limited functionality in Sleep mode. These
peripherals include I/O pins that detect a change
in the input signal, WDT, ADC, UART and
peripherals that use an external clock input or the
internal LPRC oscillator (e.g., RTCC, Timer1 and
Input Capture).
• I/O pins continue to sink or source current in the
same manner as they do when the device is not in
Sleep
• Modules can be individually disabled by software
prior to entering Sleep in order to further reduce
consumption
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 10. “Power-
Saving Features”
(DS61130) in the
“PIC32 Family Reference Manual”
, which
is available from the Microchip web site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com