Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 155Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 156Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 157Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 158Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 159Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 160Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 161Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 162Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 159
PIC32MX5XX/6XX/7XX
25.0
COMPARATOR
The Analog Comparator module contains two compar-
ators that can be configured in a variety of ways.
Following are some of the key features of this module:
• Selectable inputs available include:
- Analog inputs multiplexed with I/O pins
- On-chip internal absolute voltage reference
(IVREF)
- Comparator voltage reference (CVREF)
• Outputs can be Inverted
• Selectable interrupt generation
A block diagram of the Comparator module is
illustrated in Figure 25-1.
FIGURE 25-1:
COMPARATOR BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this
data sheet, refer to Section 19.
“Comparator”
(DS61110) in the “PIC32
Family Reference Manual”
, which is
available from the Microchip web site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
C1
CVREF(2)
C1IN+(1)
C1IN+
C1IN-
C1OUT
COUT (CM1CON<8>)
CREF
CCH<1:0>
CPOL
COE
ON
C2IN+
IVREF(2)
C1OUT (CMSTAT<0>)
C2
CVREF(2)
C2IN+
C2IN+
C2IN-
C2OUT
COUT (CM2CON<8>)
CREF
CPOL
COE
ON
C1IN+
IVREF(2)
C2OUT (CMSTAT<1>)
Comparator 2
Comparator 1
CCH<1:0>
Note 1: On devices with a USB module, and when the module is enabled, this pin is controlled by the USB module,
and therefore, is not available as a comparator input.
2: Internally connected. See Section 26.0 “Comparator Voltage Reference (CVREF)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com