Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 153Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 154Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 155Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 156Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 157Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 158Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 159Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 160Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 157
PIC32MX5XX/6XX/7XX
24.0 ETHERNET CONTROLLER
The Ethernet controller is a bus master module that
interfaces with an off-chip Physical Layer (PHY) to
implement a complete Ethernet node in a system.
Following are some of the key features of this module:
• Supports 10/100 Mbps data transfer rates
• Supports full-duplex and half-duplex operation
• Supports RMII and MII PHY interface
• Supports MIIM PHY management interface
• Supports both manual and automatic flow control
• RAM descriptor-based DMA operation for both
receive and transmit path
• Fully configurable interrupts
• Configurable receive packet filtering
- CRC check
- 64-byte pattern match
- Broadcast, multicast and unicast packets
- Magic Packet™
- 64-bit hash table
- Runt packet
• Supports packet payload checksum calculation
• Supports various hardware statistics counters
Figure 24-1 illustrates a block diagram of the Ethernet
controller.
FIGURE 24-1:
ETHERNET CONTROLLER BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 35. “Ethernet
Controller”
(DS61155) in the “PIC32
Family Reference Manual”
, which is
available from the Microchip web site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
TX Bus
Master
RX Bus
Master
TX DMA
TX Flow Control
Host IF
RX DMA
RX Filter
Checksum
MAC
External
PHY
MII/RMII
IF
MIIM
IF
MAC Control
and
Configuration
Registers
TX Function
RX Function
DMA
Control
Registers
Ethernet Controller
RX Flow
Control
Ethernet DMA
RX BM
TX BM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com