Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 162Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 163Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 164Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 165Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 166Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 167Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 168Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 169Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 166
© 2009-2011 Microchip Technology Inc.
REGISTER 28-1:
DEVCFG0: DEVICE CONFIGURATION WORD 0
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
r-0
r-1
r-1
R/P
r-1
r-1
r-1
R/P
—
—
—CP
—
—
—BWP
23:16
r-1
r-1
r-1
r-1
R/P
R/P
R/P
R/P
—
—
—
—
PWP<7:4>
15:8
R/P
R/P
R/P
R/P
r-1
r-1
r-1
r-1
PWP<3:0>
—
—
—
—
7:0
r-1
r-1
r-1
r-1
R/P
r-1
R/P
R/P
—
—
—
—
ICESEL
—
DEBUG<1:0>
Legend:
R = Readable bit
W = Writable bit
P = Programmable bit
r = Reserved bit
U = Unimplemented bit
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31
Reserved:
Write ‘0’
bit 30-29 Reserved: Write ‘1’
bit 28
CP:
Code-Protect bit
Prevents boot and program Flash memory from being read or modified by an external programming device.
1 = Protection is disabled
0 = Protection is enabled
bit 27-25 Reserved: Write ‘1’
bit 24
BWP:
Boot Flash Write-Protect bit
Prevents boot Flash memory from being modified during code execution.
1 = Boot Flash is writable
0 = Boot Flash is not writable
bit 23-20 Reserved: Write ‘1’
bit 19-12 PWP<7:0>: Program Flash Write-Protect bits
Prevents selected program Flash memory pages from being modified during code execution. The PWP bits
represent the 1’s complement of the number of write-protected program Flash memory pages.
11111111 = Disabled
11111110 = 0xBD00_0FFF
11111101 = 0xBD00_1FFF
11111100 = 0xBD00_2FFF
11111011 = 0xBD00_3FFF
11111010 = 0xBD00_4FFF
11111001 = 0xBD00_5FFF
11111000 = 0xBD00_6FFF
11110111 = 0xBD00_7FFF
11110110 = 0xBD00_8FFF
11110101 = 0xBD00_9FFF
11110100 = 0xBD00_AFFF
11110011 = 0xBD00_BFFF
11110010 = 0xBD00_CFFF
11110001 = 0xBD00_DFFF
11110000 = 0xBD00_EFFF
11101111 = 0xBD00_FFFF
•
•
•
01111111 = 0xBD07_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com