Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 166Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 167Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 168Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 169Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 170Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 171Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 172Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 173Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 170
© 2009-2011 Microchip Technology Inc.
REGISTER 28-3:
DEVCFG2: DEVICE CONFIGURATION WORD 2
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
r-1
r-1
r-1
r-1
r-1
r-1
r-1
r-1
—
—
—
—
—
—
—
—
23:16
r-1
r-1
r-1
r-1
r-1
R/P
R/P
R/P
—
—
—
—
—
FPLLODIV<2:0>
15:8
R/P
r-1
r-1
r-1
r-1
R/P
R/P
R/P
UPLLEN
—
—
—
—
UPLLIDIV<2:0>
7:0
r-1
R/P-1
R/P
R/P-1
r-1
R/P
R/P
R/P
—
FPLLMUL<2:0>
—
FPLLIDIV<2:0>
Legend:
R = Readable bit
W = Writable bit
P = Programmable bit
r = Reserved bit
U = Unimplemented bit
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-19 Reserved: Write ‘1’
bit 18-16 FPLLODIV<2:0>: Default Postscaler for PLL bits
111 = PLL output divided by 256
110 = PLL output divided by 64
101 = PLL output divided by 32
100 = PLL output divided by 16
011 = PLL output divided by 8
010 = PLL output divided by 4
001 = PLL output divided by 2
000 = PLL output divided by 1
bit 15
UPLLEN:
USB PLL Enable bit
1 = Disable and bypass USB PLL
0 = Enable USB PLL
bit 14-11 Reserved: Write ‘1’
bit 10-8
UPLLIDIV<2:0>:
PLL Input Divider bits
111 = 12x divider
110 = 10x divider
101 = 6x divider
100 = 5x divider
011 = 4x divider
010 = 3x divider
010 = 3x divider
001 = 2x divider
000 = 1x divider
bit 7
Reserved:
Write ‘1’
bit 6-4
FPLLMUL<2:0>:
PLL Multiplier bits
111 = 24x multiplier
110 = 21x multiplier
101 = 20x multiplier
100 = 19x multiplier
011 = 18x multiplier
010 = 17x multiplier
001 = 16x multiplier
000 = 15x multiplier
bit 3
Reserved:
Write ‘1’
bit 2-0
FPLLIDIV<2:0>:
PLL Input Divider bits
111 = 12x divider
110 = 10x divider
101 = 6x divider
100 = 5x divider
011 = 4x divider
010 = 3x divider
001 = 2x divider
000 = 1x divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com