Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 167Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 168Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 169Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 170Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 171Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 172Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 173Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 174Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 171
PIC32MX5XX/6XX/7XX
REGISTER 28-4:
DEVCFG3: DEVICE CONFIGURATION WORD 3
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
R/P
R/P
r-1
r-1
r-1
R/P
R/P
R/P
FVBUSONIO FUSBIDIO
—
—
—
FCANIO(1)
FETHIO(2)
FMIIEN(2)
23:16
r-1
r-1
r-1
r-1
r-1
R/P
R/P
R/P
—
—
—
—
—
FSRSSEL<2:0>
15:8
R/P
R/P
R/P
R/P
R/P
R/P
R/P
R/P
USERID<15:8>
7:0
R/P
R/P
R/P
R/P
R/P
R/P
R/P
R/P
USERID<7:0>
Legend:
R = Readable bit
W = Writable bit
P = Programmable bit
r = Reserved bit
U = Unimplemented bit
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31
FVBUSONIO:
USB VBUS_ON Selection bit
1 = VBUSON pin is controlled by the USB module
0 = VBUSON pin is controlled by the port function
bit 30
FUSBIDIO:
USB USBID Selection bit
1 = USBID pin is controlled by the USB module
0 = USBID pin is controlled by the port function
bit 29-27 Reserved: Write ‘1’
bit 26
FCANIO:
CAN I/O Pin Selection bit(1)
1 = Default CAN I/O Pins
0 = Alternate CAN I/O Pins
bit 25
FETHIO:
Ethernet I/O Pin Selection bit(2)
1 = Default Ethernet I/O Pins
0 = Alternate Ethernet I/O Pins
bit 24
FMIIEN:
Ethernet MII Enable bit(2)
1 = MII is enabled
0 = RMII is enabled
bit 23-19 Reserved: Write ‘1’
bit 18-16 FSRSSEL<2:0>: SRS Select bits
111 = Assign Interrupt Priority 7 to a shadow register set
110 = Assign Interrupt Priority 6 to a shadow register set
•
•
•
001 = Assign Interrupt Priority 1 to a shadow register set
000 = All interrupt priorities are assigned to a shadow register set
bit 15-0
USERID<15:0>:
This is a 16-bit value that is user-defined and is readable via ICSP™ and JTAG
Note 1:
This bit is Reserved and reads ‘1’ on PIC32MX664/675/695 devices.
2:
This bit is Reserved and reads ‘1’ on PIC32MX534/564/575 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com