Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 170Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 171Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 172Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 173Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 174Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 175Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 176Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 177Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 174
© 2009-2011 Microchip Technology Inc.
28.3
On-Chip Voltage Regulator
All PIC32MX5XX/6XX/7XX devices’ core and digital
logic are designed to operate at a nominal 1.8V. To
simplify system designs, most devices in the
PIC32MX5XX/6XX/7XX family incorporate an on-chip
regulator providing the required core logic voltage from
VDD.
A low-ESR capacitor (such as tantalum) must be
connected to the VCAP/VCORE pin (see Figure 28-2).
This helps to maintain the stability of the regulator.
The recommended value for the filter capacitor is
provided in Section 31.1 “DC Characteristics”.
28.3.1
ON-CHIP REGULATOR AND POR
It takes a fixed delay for the on-chip regulator to generate
an output. During this time, designated as TPU, code
execution is disabled. TPU is applied every time the
device resumes operation after any power-down,
including Sleep mode.
28.3.2
ON-CHIP REGULATOR AND BOR
PIC32MX5XX/6XX/7XX devices also have a simple
brown-out capability. If the voltage supplied to the
regulator is inadequate to maintain a regulated level,
the regulator Reset circuitry will generate a Brown-out
Reset. This event is captured by the BOR flag bit
(RCON<1>). The brown-out voltage levels are
specified in Section 31.1 “DC Characteristics”.
28.3.3
POWER-UP REQUIREMENTS
The on-chip regulator is designed to meet the power-up
requirements for the device. If the application does not
use the regulator, strict power-up conditions must be
adhered to. While powering up, VCORE must never
exceed VDD by 0.3V.
FIGURE 28-2:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
Note:
It is important that the low-ESR capacitor
is placed as close as possible to the
VCAP/VCORE pin.
VDD
VCAP/VCORE
VSS
PIC32
CEFC(2)
3.3V(1)
Note 1:
These are typical operating voltages. Refer
to Section 31.1 “DC Characteristics” for
the full operating ranges of VDD and
VCORE.
2:
It is important that the low-ESR capacitor
is placed as close as possible to the
VCAP/VCORE pin.
(10
μF typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com