Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 169Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 170Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 171Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 172Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 173Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 174Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 175Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 176Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 173
PIC32MX5XX/6XX/7XX
28.2
Watchdog Timer (WDT)
This section describes the operation of the WDT and
Power-up Timer of the PIC32MX5XX/6XX/7XX.
The WDT, when enabled, operates from the internal
Low-Power Oscillator (LPRC) clock source and can be
used to detect system software malfunctions by reset-
ting the device if the WDT is not cleared periodically in
software. Various WDT time-out periods can be
selected using the WDT postscaler. The WDT can also
be used to wake the device from Sleep or Idle mode.
The following are some of the key features of the WDT
module:
• Configuration or software controlled
• User-configurable time-out period
• Can wake the device from Sleep or Idle
FIGURE 28-1:
WATCHDOG AND POWER-UP TIMER BLOCK DIAGRAM
Wake
WDTCLR = 1
WDT Enable
LPRC
Power Save
25-bit Counter
PWRT Enable
WDT Enable
LPRC
WDT Counter Reset
Control
Oscillator
25
Device Reset
NMI (Wake-up)
PWRT
PWRT Enable
FWDTPS<4:0> (DEVCFG1<20:16>)
Clock
Decoder
1
1:64 Output
0
1
WDT Enable
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com