Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 160Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 161Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 162Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 163Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 164Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 165Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 166Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 167Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 164
© 2009-2011 Microchip Technology Inc.
The processor will exit, or ‘wake-up’, from Sleep on one
of the following events:
• On any interrupt from an enabled source that is
operating in Sleep. The interrupt priority must be
greater than the current CPU priority.
• On any form of device Reset
• On a WDT time-out
If the interrupt priority is lower than or equal to the
current priority, the CPU will remain Halted, but the
PBCLK will start running and the device will enter into
Idle mode.
27.3.2
IDLE MODE
In Idle mode, the CPU is Halted but the System Clock
(SYSCLK) source is still enabled. This allows peripher-
als to continue operation when the CPU is Halted.
Peripherals can be individually configured to Halt when
entering Idle by setting their respective SIDL bit.
Latency, when exiting Idle mode, is very low due to the
CPU oscillator source remaining active.
The device enters Idle mode when the SLPEN bit
(OSCCON<4>) is clear and a WAIT instruction is
executed.
The processor will wake or exit from Idle mode on the
following events:
• On any interrupt event for which the interrupt
source is enabled. The priority of the interrupt
event must be greater than the current priority of
the CPU. If the priority of the interrupt event is
lower than or equal to current priority of the CPU,
the CPU will remain Halted and the device will
remain in Idle mode.
• On any form of device Reset
• On a WDT time-out interrupt
27.3.3
PERIPHERAL BUS SCALING
METHOD
Most of the peripherals on the device are clocked using
the PBCLK. The peripheral bus can be scaled relative to
the SYSCLK to minimize the dynamic power consumed
by the peripherals. The PBCLK divisor is controlled by
PBDIV<1:0> (OSCCON<20:19>), allowing SYSCLK to
PBCLK ratios of 1:1, 1:2, 1:4 and 1:8. All peripherals
using PBCLK are affected when the divisor is changed.
Peripherals such as USB, interrupt controller, DMA, bus
matrix and prefetch cache are clocked directly from
SYSCLK. As a result, they are not affected by PBCLK
divisor changes.
Changing the PBCLK divisor affects:
• The CPU to peripheral access latency. The CPU
has to wait for next PBCLK edge for a read to
complete. In 1:8 mode, this results in a latency of
one to seven SYSCLKs.
• The power consumption of the peripherals. Power
consumption is directly proportional to the fre-
quency at which the peripherals are clocked. The
greater the divisor, the lower the power consumed
by the peripherals.
To minimize dynamic power, the PB divisor should be
chosen to run the peripherals at the lowest frequency
that provides acceptable system performance. When
selecting a PBCLK divider, peripheral clock require-
ments, such as baud rate accuracy, should be taken
into account. For example, the UART peripheral may
not be able to achieve all baud rate values at some
PBCLK divider depending on the SYSCLK value.
Note 1:
Changing the PBCLK divider ratio
requires recalculation of peripheral tim-
ing. For example, assume the UART is
configured for 9600 baud with a PB clock
ratio of 1:1 and a POSC of 8 MHz. When
the PB clock divisor of 1:2 is used, the
input frequency to the baud clock is cut in
half; therefore, the baud rate is reduced
to 1/2 its former value. Due to numeric
truncation in calculations (such as the
baud rate divisor), the actual baud rate
may be a tiny percentage different than
expected. For this reason, any timing cal-
culation required for a peripheral should
be performed with the new PB clock fre-
quency instead of scaling the previous
value based on a change in the PB divisor
ratio.
2:
Oscillator start-up and PLL lock delays
are applied when switching to a clock
source that was disabled and that uses a
crystal and/or the PLL. For example,
assume the clock source is switched from
POSC to LPRC just prior to entering Sleep
in order to save power. No oscillator start-
up delay would be applied when exiting
Idle. However, when switching back to
POSC, the appropriate PLL and/or
oscillator start-up/lock delays would be
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com