Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
21
NVCC_NANDF
NVCC_SD1
NVCC_SD2
NVCC_PATA
NVCC_KEYPAD
NVCC_GPIO
NVCC_FEC
NVCC_EIM_MAIN
NVCC_EIM_SEC
NVCC_CSI
Ultra High voltage I/O (UHVIO) supplies:
V
• UHVIO_L
1.65
1.8
1.95
• UHVIO_H
2.5
2.775
3.1
• UHVIO_UH
3.0
3.3
3.6
TVDAC_DHVDD8
TVDAC_AHVDDRGB8
TVE digital and analog power supply, TVE-to-DAC
level shifter supply, cable detector supply, analog
power supply to RGB channel
2.69
2.75
2.91
V
For GPIO use only, when TVE is not in use
1.65
1.8 or
2.775
3.1
V
NVCC_SRTC_POW
SRTC Core and slow I/O Supply (GPIO)9
1.25
1.3
1.35
V
NVCC_RESET
LVIO
1.65
1.8 or
2.775
3.1
V
USB_H1_VDDA25
USB_OTG_VDDA25
NVCC_XTAL
USB_PHY analog supply, oscillator amplifier analog
supply10
2.25
2.5
2.75
V
USB_H1_VDDA33
USB_OTG_VDDA33
USB PHY I/O analog supply
3.0
3.3
3.6
V
VBUS
See Table 4 on page 18 and Table 105 on page 146
for details. Note that this is not a power supply.
——
VDD_REG11
Power supply input for the integrated linear
regulators
2.37
2.5
2.63
V
VP
SATA PHY core power supply
1.25
1.3
1.35
V
VPH
SATA PHY I/O supply voltage
2.25
2.5
2.75
V
Tj
Junction Temperature
–20
9512
105
oC
1 Voltage at the package power supply contact must be maintained between the minimum and maximum voltages. The design
must allow for supply tolerances and system voltage drops.
2 The nominal values for the supplies indicate the target setpoint for a tolerance no tighter than ± 50 mV. Use of supplies with a
tighter tolerance allows reduction of the setpoint with commensurate power savings.
3 A voltage transition is allowed for the required supply ramp up to the nominal value prior to achieving a clock speed increase.
Similarly, to accommodate a frequency reduction, a voltage transition is allowed for a supply ramp down to the nominal value
after the frequency is decreased.
4 VDDA and VDDAL1 can be driven by the VDD_DIG_PLL internal regulator using external connections. When operating in this
configuration, the regulator is still operating at the default 1.2 V, as bootup start. During bootup initialization, software should
increase this regulator voltage to match VCC (1.3 V nominal) in order to reduce internal leakage current.
5 By default, VDD_DIG_PLL is driven from internal on-die 1.2 V linear regulator (LDO). In this case, there is no need driving this
supply externally. LDO output to VDD_DIG_PLL should be configured by software after power-up to 1.3 V output. A bypass
capacitor of minimal value 22
μF should be connected to this pad in any case whether it is driven internally or externally. Use
of the on-chip LDO is preferred. See i.MX53 System Development User’s Guide.
Table 7. i.MX53xD Operating Ranges (continued)
Symbol
Parameter
Minimum1 Nominal2 Maximum1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com