Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
68
Freescale Semiconductor
Electrical Characteristics
Figure 31. DDR SDRAM DQ vs. DQS and SDCLK Read Cycle
4.7
External Peripheral Interfaces Parameters
The following subsections provide information on external peripheral interfaces.
4.7.1
AUDMUX Timing Parameters
The AUDMUX provides a programmable interconnect logic for voice, audio and data routing between
internal serial interfaces (SSIs) and external serial interfaces (audio and voice codecs). The AC timing of
AUDMUX external pins is governed by the SSI module. For more information, see the respective SSI
electrical specifications found within this document.
4.7.2
CSPI and ECSPI Timing Parameters
This section describes the timing parameters of the CSPI and ECSPI blocks. The CSPI and ECSPI have
separate timing parameters for master and slave modes. The nomenclature used with the CSPI / ECSPI
modules and the respective routing of these signals is shown in Table 45.
Table 44. DDR SDRAM Read Cycle 1
1 To receive the reported setup and hold values, read calibration should be performed in order to locate the DQS in the middle
of DQ window.
ID
Parameter
Symbol
SDCLK = 400 MHz
Unit
Min
Max
DDR26
Minimum required DQ valid window width
except from LPDDR2
—0.6
—
ns
DDR26(LP
DDR2)
Minimum required DQ valid window width
for LPDDR2
—0.425
—
ns
DDR27
DQS to DQ valid data
—
0.275
0.475
ns
SDCLK
SDCLK_B
DQS (input)
DQ (input)
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DDR26
DDR27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com