Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
71
4.7.2.4
ECSPI Slave Mode Timing
Figure 33 depicts the timing of ECSPI in slave mode. Table 48 lists the ECSPI slave mode timing
characteristics.
4.7.3
Enhanced Serial Audio Interface (ESAI) Timing Parameters
The ESAI consists of independent transmitter and receiver sections, each section with its own clock
generator. Table 49 shows the interface timing values. The number field in the table refers to timing signals
found in Figure 34 and Figure 35.
CS9
MISO Hold Time
tHmiso
0—
ns
CS10
RDY to SSx Time2
tSDRY
5—
ns
1 See specific I/O AC parameters Section 4.5, “I/O AC Parameters”
2 SPI_RDY is sampled internally by ipg_clk and is asynchronous to all other CSPI signals.
Table 48. ECSPI Slave Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
SCLK Cycle Time–Read
SCLK Cycle Time–Write
tclk
15
40
—ns
CS2
SCLK High or Low Time–Read
SCLK High or Low Time–Write
tSW
7
20
—ns
CS4
SSx pulse width
tCSLH
Half SCLK period
—
ns
CS5
SSx Lead Time (CS setup time)
tSCS
5—
ns
CS6
SSx Lag Time (CS hold time)
tHCS
5—
ns
CS7
MOSI Setup Time
tSmosi
4—
ns
CS8
MOSI Hold Time
tHmosi
4—
ns
CS9
MISO Propagation Delay (CLOAD =20pF)
tPDmiso
417
ns
Table 49. Enhanced Serial Audio Interface (ESAI) Timing
No.
Characteristics1’2,3
Symbol
Expression3
Min
Max
Condition4 Unit
62
Clock cycle5
tSSICC
4
× T
c
4
× T
c
30.0
30.0
—
—
i ck
i ck
ns
63
Clock high period
• For internal clock
—2
× T
c − 9.0
6
—
—
ns
• For external clock
—
2
× T
c
15
—
—
Table 47. ECSPI Master Mode Timing Parameters (continued)
ID
Parameter
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com