Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
29
NOTE
The term ‘OVDD’ in this section refers to the associated supply rail of an
input or output. The association is shown in Table 112.
Figure 3. Circuit for Parameters Voh and Vol for IO Cells
4.3.1
General Purpose I/O (GPIO) DC Parameters
The parameters in Table 11 are guaranteed per the operating ranges in Table 7, unless otherwise noted.
Table 11 shows DC parameters for GPIO pads, operating at two supply ranges:
•
1.1 V to 1.3 V
•
1.65 V to 3.1 V
Table 11. GPIO I/O DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage1
Voh
Iout = –1 mA
Iout= specified Ioh Drive
OVDD – 0.15
0.8*OVDD
——
V
Low-level output voltage1
Vol
Iout = 1 mA
Iout= specified Iol Drive
——
0.15
0.2
× OVDD
V
High-level output current
(1.1-1.3V OVDD)
Ioh
Vout = 0.8
×OVDD
Low drive
Medium drive
High drive
Max drive
–0.85
–1.7
–2.5
–3.4
——
mA
Low-level output current
(1.1-1.3V OVDD)
Iol
Vout = 0.2
×OVDD
Low drive
Medium drive
High drive
Max drive
0.9
1.9
2.9
3.8
——
mA
High-level output current
(1.65-3.1V OVDD)
Ioh
Vout = 0.8
×OVDD
Low drive
Medium drive
High drive
Max drive
–2.1
–4.2
–6.3
–8.4
——
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com