Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
16
Freescale Semiconductor
Modules List
VPU
Video Processing
Unit
Multimedia
Peripherals
A high-performing video processing unit (VPU) version 3, which covers
many SD-level video decoders and SD-level encoders as a multi-standard
video codec engine as well as several important video processing such as
rotation and mirroring.
VPU Features:
• MPEG-2 decode, Mail-High profile, up to 1080i/p resolution, 40 Mbps bit
rate
• MPEG4/XviD decode, SP/ASP profile, up to 1080 i/p resolution, 40 Mbps
bit rate
• H.263 decode, P0/P3 profile, up to 16CIF resolution, 20 Mbps bit rate
• Sorenson H.263 decode, 4CIF resolution, 8 Mbps bit rate
• H.264 decode, BP/MP/HP profile, up to 1080 i/p resolution, 40 Mbps bit
rate
• VC1 decode, SP/MP/AP profile, up to 1080 i/p resolution, 40 Mbps bit
rate
• RV10 decode, 8/9/2010 profile, up to 1080 i/p resolution, 40 Mbps bit rate
• DivX decode, 3/4/5/6 profile, up to 1080 i/p resolution, 40 Mbps bit rate
• MJPEG decode, Baseline profile, up to 8192 x 8192 resolution,
40 Mpixel/s bit rate for 4:4:4 format
•MPEG21 encode, Main-Main profile, up to D1 resolution, 15 Mbps bit
rate
• MPEG4 encode, Simple profile, up to 720p resolution, 12 Mbps bit rate2
• H.263 encode, P0/P3 profile, up to 4CIF resolution, 8 Mbps bit rate2
• H.264 encode, Baseline profile, up to 720p resolution, 14 Mbps bit rate2
• MJPEG encode, Baseline profile, up to 8192 x 8192 resolution,
80 Mpixel/s bit rate for 4:2:2 format
WDOG-1
Watch Dog
Timer
Peripherals
The watch dog timer supports two comparison points during each counting
period. Each of the comparison points is configurable to evoke an interrupt
to the ARM core, and a second point evokes an external event on the
WDOG line.
WDOG-2
(TZ)
Watch Dog
(TrustZone)
Timer
Peripherals
The TrustZone watchdog (TZ WDOG) timer module protects against
TrustZone starvation by providing a method of escaping normal mode and
forcing a switch to the TZ mode. TZ starvation is a situation where the
normal OS prevents switching to the TZ mode. This situation should be
avoided, as it can compromise the system’s security. Once the TZ WDOG
module is activated, it must be serviced by TZ software on a periodic basis.
If servicing does not take place, the timer times out. Upon a time-out, the
TZ WDOG asserts a TZ mapped interrupt that forces switching to the TZ
mode. If it is still not served, the TZ WDOG asserts a security violation
signal to the CSU. The TZ WDOG module cannot be programmed or
deactivated by a normal mode SW.
XTALOSC
24 MHz Crystal
Oscillator
Clocking
Provides a crystal oscillator amplifier that supports a 24-MHz external
crystal
XTALOSC_
32K
32.768 KHz
Crystal Oscillator
I/F
Clocking
Provides a crystal oscillator amplifier that supports a 32.768-kHz external
crystal.
1 Video partially performed in hardware accelerator (70%) and partially in software.
2 VPU can generate higher bit rate than the maximum specified by the corresponding standard.
Table 2. i.MX53xD Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com