Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
69
4.7.2.1
CSPI Master Mode Timing
Figure 32 depicts the timing of CSPI in master mode. Table 46 lists the CSPI master mode timing
characteristics.
Figure 32. CSPI/ECSPI Master Mode Timing Diagram
Table 45. CSPI Nomenclature and Routing
Block Instance
I/O Access
ECSPI-1
GPIO, KPP, DISP0_DAT, CSI0_DAT and EIM_D through IOMUXC
ECSPI-2
DISP0_DAT, CSI0_DAT and EIM through IOMUXC
CSPI
DISP0_DAT, EIM_A/D, SD1 and SD2 through IOMUXC
Table 46. CSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
SCLK Cycle Time
tclk
60
—
ns
CS2
SCLK High or Low Time
tSW
26
—
ns
CS3
SCLK Rise or Fall1
tRISE/FALL
——
ns
CS4
SSx pulse width
tCSLH
26
—
ns
CS5
SSx Lead Time (Slave Select setup
time)
tSCS
26
—
ns
CS6
SSx Lag Time (SS hold time)
tHCS
26
—
ns
CS7
MOSI Propagation Delay
(CLOAD =20 pF)
tPDmosi
–1
21
ns
CS8
MISO Setup Time
tSmiso
5—
ns
CS1
CS7
CS2
CS2
CS4
CS6
CS5
CS8
CS9
SCLK
SSx
MOSI
MISO
RDY
CS10
CS3
CS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com