Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 96Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
96
Freescale Semiconductor
Electrical Characteristics
4.7.8.7
Interface to a TV Encoder (TVDAC)
The interface has an 8-bit data bus, transferring a single 8-bit value (Y/U/V) in each cycle. The timing of
the interface is described in Figure 51.
NOTE
•
The frequency of the clock DISP_CLK is 27 MHz (within 10%)
•
The HSYNC, VSYNC signals are active low.
•
The DRDY signal is shown as active high.
•
The transition to the next row is marked by the negative edge of the
HSYNC signal. It remains low for a single clock cycle.
•
The transition to the next field/frame is marked by the negative edge of
the VSYNC signal. It remains low for at least one clock cycles.
—
At a transition to an odd field (of the next frame), the negative edges
of VSYNC and HSYNC coincide.
—
At a transition is to an even field (of the same frame), they do not
coincide.
•
The active intervals—during which data is transferred—are marked by
the HSYNC signal being high.
2 Display interface clock down time
3 Display interface clock up time where CEIL(X) rounds the elements of X to the nearest integers towards infinity.
Tdicd
1
2
---T
diclk
ceil
×
2
DISP_CLK_DOWN
×
DI_CLK_PERIOD
-----------------------------------------------------------
⎝⎠
⎛⎞
=
Tdicu
1
2
---T
diclk
ceil
×
2
DISP_CLK_UP
×
DI_CLK_PERIOD
------------------------------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com