Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 78Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 79Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 80Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 81Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 82Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 83Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 84Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 85Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
82
Freescale Semiconductor
Electrical Characteristics
Figure 42. RMII Mode Signal Timing Diagram
4.7.6
Flexible Controller Area Network (FLEXCAN) AC Electrical
Specifications
The electrical characteristics are related to the CAN transceiver external to i.MX53xD such as MC33902
from Freescale.The i.MX53xD has two CAN modules available for systems design. Tx and Rx ports for
both modules are multiplexed with other I/O pins. See the IOMUXC chapter of the i.MX53 Reference
Manual to see which pins expose Tx and Rx pins; these ports are named TXCAN and RXCAN,
respectively.
M20
FEC_RXD[1:0], CRS_DV(FEC_RX_DV), FEC_RX_ER to
REF_CLK setup
4—
ns
M21
REF_CLK to FEC_RXD[1:0], FEC_RX_DV, FEC_RX_ER
hold
2—
ns
1 Test conditions: 25pF on each output signal.
Table 56. RMII Signal Timing (continued)
No.
Characteristics1
Min
Max
Unit
REF_CLK (input)
FEC_TX_EN
M16
M17
M18
M19
M20
M21
FEC_RXD[1:0]
FEC_TXD[1:0] (output)
FEC_RX_ER
CRS_DV (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com