Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
67
Figure 30 and Table 43 show the data write timing parameters.
Figure 30. DDR SDRAM Data Write Cycle
Figure 31 and Table 44 show the data read timing parameters.
Table 43. DDR SDRAM Write Cycle 1 2 3
1 All timings are refer to Vref level cross point.
2
Reference load model is 25 ohm resistor from each of the DDR outputs to VDD_REF.
3 To receive the reported setup and hold values, write calibration should be performed in order to locate the DQS in the middle
of DQ window.
ID
Parameter
Symbol
SDCLK = 400 MHz
Unit
Min
Max
DDR17
DQ and DQM setup time to DQS (differential strobe)
tDS
0.285
—
ns
DDR18
DQ and DQM hold time to DQS (differential strobe)
tDH
0.285
—
ns
DDR21
DQS latching rising transitions to associated clock edges
tDQSS
-0.25
+0.25
tCK
DDR22
DQS high level width
tDQSH
0.45
0.55
tCK
DDR23
DQS low level width
tDQSL
0.45
0.55
tCK
SDCLK
SDCLK_B
DQS (output)
DQ (output)
DQM (output)
Data
Data
Data
Data
Data
Data
Data
Data
DM
DM
DM
DM
DM
DM
DM
DM
DDR17
DDR17
DDR17
DDR17
DDR18
DDR18
DDR18
DDR18
DDR21
DDR23
DDR22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com