Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
30
Freescale Semiconductor
Electrical Characteristics
4.3.2
LPDDR2 I/O DC Parameters
The LPDDR2 I/O pads support DDR2/LVDDR2, LPDDR2, and DDR3 operational modes.
4.3.2.1
DDR2 Mode I/O DC Parameters
The DDR2 interface fully complies with JESD79-2E DDR2 JEDEC standard release April, 2008. The
parameters in Table 12 are guaranteed per the operating ranges in Table 7, unless otherwise noted.
Low-level output current
(1.65-3.1V OVDD)
Iol
Vout = 0.2
×OVDD
Low drive
Medium drive
High drive
Max drive
2.1
4.2
6.3
8.4
——
mA
High-Level DC input voltage1, 2
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage1, 2
VIL
—
0
—
0.3
× OVDD
V
Input Hysteresis
VHYS
OVDD = 1.875 V
OVDD = 2.775 V
0.25
0.34
0.45
—V
Schmitt trigger VT+2, 3
VT+
—
0.5
× OVDD
—
—
V
Schmitt trigger VT–2, 3
VT–
—
—
—
0.5
× OVDD
V
Input current (no pull-up/down)
Iin
Vin = OVDD or 0
—
—
2
μA
Input current (22 k
Ω Pull-up)
Iin
Vin = 0 V
Vin = OVDD
——
161
2
μA
Input current (47 k
Ω Pull-up)
Iin
Vin = 0 V
Vin = OVDD
——
76
2
μA
Input current (100 k
Ω Pull-up)
Iin
Vin = 0 V
Vin= OVDD
——
36
2
μA
Input current (100 k
Ω Pull-down)
Iin
Vin = 0 V
Vin = OVDD
——
2
36
μA
Keeper Circuit Resistance
—
1304
—k
Ω
1 Overshoot and undershoot conditions (transitions above OVDD and below GND) on switching pads must be held below 0.6 V,
and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/ undershoot must be
controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other
methods. Non-compliance to this specification may affect device reliability or cause permanent damage to the device.
2 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1 ns to 1 s.
3 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
4 Use an off-chip pull resistor of less than 60 k
Ω to override this keeper.
Table 11. GPIO I/O DC Electrical Characteristics (continued)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com