Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
65
4.6.7
DDR SDRAM Specific Parameters (DDR2/LVDDR2, LPDDR2, and
DDR3)
The DDR2/LVDDR2 interface fully complies with JESD79-2E – DDR2 JEDEC release April, 2008,
supporting DDR2-800 and LVDDR2-800.
The DDR3 interface fully complies with JESD79-3D – DDR3 JEDEC release April 2008 supporting
DDR3-800.
The LPDDR2 interface fully complies with JESD209-2B, supporting LPDDR2-800.
Figure 28 and Table 41 show the address and control timing parameters for DDR2 and DDR3.
Figure 28. DDR SDRAM Address and Control Parameters for DDR2 and DDR3
Table 41. DDR SDRAM Timing Parameter Table1 2
ID
Parameter
Symbol
SDCLK = 400 MHz
Units
Min
Max
DDR1
SDRAM clock high-level width
tCH
0.48
0.52
tCK
DDR2
SDRAM clock low-level width
tCL
0.48
0.52
tCK
SDCLK
WE
ADDR
ROW/BA
COL/BA
CS
CAS
RAS
DDR1
DDR2
DDR4
DDR4
DDR4
DDR5
DDR5
DDR5
DDR5
DDR6
DDR7
SDCLK
ODT/CKE
DDR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com