Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
12
Freescale Semiconductor
Modules List
IOMUXC
IOMUX Control
System
Control
Peripherals
This module enables flexible I/O multiplexing. Each I/O pad has default as
well as several alternate functions. The alternate functions are software
configurable.
IPU
Image
Processing Unit
Multimedia
Peripherals
Version 3M IPU enables connectivity to displays, relevant processing and
synchronization. It supports two display ports and two camera ports,
through the following interfaces:
• Legacy parallel interfaces
• Single/dual channel LVDS display interface
• Analog TV or VGA interfaces
The processing includes:
• Image enhancement—color adjustment and gamut mapping, gamma
correction and contrast enhancement
• Video/graphics combining
• Support for display backlight reduction
• Image conversion—resizing, rotation, inversion and color space
conversion
• Hardware de-interlacing support
• Synchronization and control capabilities, allowing autonomous
operation.
KPP
Keypad Port
Connectivity
Peripherals
The KPP supports an 8
× 8 external keypad matrix. The KPP features are
as follows:
• Open drain design
• Glitch suppression circuit design
• Multiple keys detection
• Standby key press detection
LDB
LVDS Display
Bridge
Connectivity
Peripherals
LVDS display bridge is used to connect the IPU (image processing unit) to
external LVDS display interface. LDB supports two channels; each channel
has following signals:
• 1 clock pair
• 4 data pairs
On-chip differential drivers are provided for each pair.
OWIRE
One-Wire
Interface
Connectivity
Peripherals
One-wire support provided for interfacing with an on-board EEPROM, and
smart battery interfaces, for example, Dallas DS2502.
PATA
Parallel ATA
Connectivity
Peripherals
The PATA block is a AT attachment host interface. Its main use is to interface
with hard disk drives and optical disc drives. It interfaces with the ATA-6
compliant device over a number of ATA signals. It is possible to connect a
bus buffer between the host side and the device side.
PWM-1
PWM-2
Pulse Width
Modulation
Connectivity
Peripherals
The pulse-width modulator (PWM) has a 16-bit counter and is optimized to
generate sound from stored sample audio images. It can also generate
tones. The PWM uses 16-bit resolution and a 4 x 16 data FIFO to generate
sound.
INTRAM
Internal RAM
Internal
Memory
Internal RAM, shared with VPU.
The on-chip memory controller (OCRAM) module, is an interface between
the system’s AXI bus, to the internal (on-chip) SRAM memory module. It is
used for controlling the 128 KB multimedia RAM, through a 64-bit AXI bus.
BOOTROM
Boot ROM
Internal
Memory
Supports secure and regular boot modes.
The ROM controller supports ROM patching.
Table 2. i.MX53xD Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com