Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
34
Freescale Semiconductor
Electrical Characteristics
4.3.4
Ultra-High Voltage I/O (UHVIO) DC Parameters
The parameters in Table 16 are guaranteed per the operating ranges in Table 7, unless otherwise noted.
Table 16. UHVIO DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage1
Voh
Iout = –1mA
Iout= specified Ioh
Drive
OVDD–0.15
0.8 * OVDD
——
V
Low-level output voltage1
Vol
Iout = 1mA
Iout= specified Ioh
Drive
—
—
0.15
0.2 * OVDD
V
High-level output current, low voltage mode
Ioh_lv
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
–2.2
–4.4
–6.6
——
mA
High-level output current, high voltage
mode
Ioh_hv
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
–5.1
–10.2
–15.3
——
mA
Low-level output current, low voltage mode
Iol_lv
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
2.2
4.4
6.6
——
mA
Low-level output current, high voltage mode
Iol_hv
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
5.1
10.2
15.3
——
mA
High-Level DC input voltage1, 2
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage1, 2
VIL
—
0
—
0.3
× OVDD
V
Input Hysteresis
VHYS
low voltage mode
high voltage mode
0.38
0.95
—0.43
1.33
V
Schmitt trigger VT+2, 3
VT+
—
0.5
× OVDD
—
—
V
Schmitt trigger VT–2, 3
VT–
—
—
—
0.5
× OVDD
V
Input current (no pull-up/down)
Iin
Vin = OVDD or 0 V
—
—
1
μA
Input current (22 k
Ω Pull-up)
Iin
Vin = 0
Vin = OVDD
—
—
202
1
μA
Input current (75 k
Ω Pull-up)
Iin
Vin = 0
Vin = OVDD
——
61
1
μA
Input current (100 k
Ω Pull-up)
Iin
Vin = 0
Vin = OVDD
——
47
1
μA
Input current (360 k
Ω Pull-down)
Iin
Vin = 0
Vin = OVDD
——
1
5.7
μA
Keeper Circuit Resistance
—
—
—
1304
—k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com