Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
18
Freescale Semiconductor
Electrical Characteristics
4.1.2
Thermal Resistance
4.1.2.1
TEPBGA-2 Package Thermal Resistance
Table 5 provides the TEPBGA-2 package thermal resistance data.
Table 4. Absolute Maximum Ratings
Parameter Description
Symbol
Min
Max
Unit
Peripheral Core Supply Voltage
VCC
–0.3
1.35
V
ARM Core Supply Voltage
VDDGP
–0.3
1.35
V
Supply Voltage UHVIO
Supplies denoted as I/O Supply
–0.5
3.6
V
Supply Voltage for non UHVIO
Supplies denoted as I/O Supply
–0.5
3.3
V
USB VBUS
VBUS
—
5.25
V
Input voltage on USB_OTG_DP, USB_OTG_DN,
USB_H1_DP, USB_H1_DN pins
USB_DP/USB_DN
–0.3
3.631
1 USB_DN and USB_DP can tolerate 5 V for up to 24 hours.
V
Input/Output Voltage Range
Vin/Vout
–0.5
OVDD +0.32
2 The term OVDD in this section refers to the associated supply rail of an input or output. The association is described in
Table 112 on page 154. The maximum range can be superseded by the DC tables.
V
ESD Damage Immunity:
Vesd
V
• Human Body Model (HBM)
• Charge Device Model (CDM)
—
—
2000
500
Storage Temperature Range
TSTORAGE
–40
150
oC
Table 5. TEPBGA-2 Package Thermal Resistance Data
Rating
Board
Symbol
Value
Unit
Junction to Ambient (natural convection)1, 2
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
Single layer board
(1s)
RθJA
28
°C/W
Junction to Ambient (natural convection)1, 2, 3
Four layer board
(2s2p)
RθJA
16
°C/W
Junction to Ambient (at 200 ft/min)1, 3
Single layer board
(1s)
RθJMA
21
°C/W
Junction to Ambient (at 200 ft/min)1, 3
Four layer board
(2s2p)
RθJMA
13
°C/W
Junction to Board4
—RθJB
6°C/W
Junction to Case5
—RθJC
4°C/W
Junction to Package Top (natural convection)6
—
Ψ
JT
4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com