Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
14
Freescale Semiconductor
Modules List
SECRAM
Secure /
Non-secure RAM
Internal
Memory
Secure / non-secure Internal RAM, controlled by SCC.
SJC
Secure JTAG
Interface
System
Control
Peripherals
JTAG manipulation is a known hacker’s method of executing unauthorized
program code, getting control over secure applications, and running code in
privileged modes. The JTAG port provides a debug access to several
hardware blocks including the ARM processor and the system bus.
The JTAG port must be accessible during platform initial laboratory
bring-up, manufacturing tests and troubleshooting, as well as for software
debugging by authorized entities. However, in order to properly secure the
system, unauthorized JTAG usage should be strictly forbidden.
In order to prevent JTAG manipulation while allowing access for
manufacturing tests and software debugging, the i.MX53xD processor
incorporates a mechanism for regulating JTAG access. SJC provides four
different JTAG security modes that can be selected through an e-fuse
configuration.
SPBA
Shared
Peripheral Bus
Arbiter
System
Control
Peripherals
SPBA (shared peripheral bus arbiter) is a two-to-one IP bus interface (IP
bus) arbiter.
SPDIF
Sony Philips
Digital Interface
Multimedia
Peripherals
A standard digital audio transmission protocol developed jointly by the Sony
and Philips corporations. Both transmitter and receiver functionalists are
supported.
SRTC
Secure Real
Time Clock
Security
The SRTC incorporates a special system state retention register (SSRR)
that stores system parameters during system shutdown modes. This
register and all SRTC counters are powered by dedicated supply rail
NVCC_SRTC_POW. The NVCC_SRTC_POW can be energized
separately even if all other supply rails are shut down. This register is helpful
for storing warm boot parameters. The SSRR also stores the system
security state. In case of a security violation, the SSRR mark the event
(security violation indication).
SSI-1
SSI-2
SSI-3
I2S/SSI/AC97
Interface
Connectivity
Peripherals
The SSI is a full-duplex synchronous interface used on the i.MX53xDA
processor to provide connectivity with off-chip audio peripherals. The SSI
interfaces connect internally to the AUDMUX for mapping to external ports.
The SSI supports a wide variety of protocols (SSI normal, SSI network, I2S,
and AC-97), bit depths (up to 24 bits per word), and clock/frame sync
options.
Each SSI has two pairs of 8 x 24 FIFOs and hardware support for an
external DMA controller in order to minimize its impact on system
performance. The second pair of FIFOs provides hardware interleaving of
a second audio stream, which reduces CPU overhead in use cases where
two time slots are being used simultaneously.
Table 2. i.MX53xD Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com