Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
48
Freescale Semiconductor
Electrical Characteristics
4.6.5
NAND Flash Controller (NFC) Parameters
This section provides the relative timing requirements among various signals of NFC at the module level,
in each operational mode.
Timing parameters in Figure 10, Figure 11, Figure 12, Figure 13, Figure 15, and Table 36 show the default
NFC mode (asymmetric mode) using two Flash clock cycles per one access of RE_B and WE_B.
Timing parameters in Figure 10, Figure 11, Figure 12, Figure 14, Figure 15, and Table 36 show symmetric
NFC mode using one Flash clock cycle per one access of RE_B and WE_B.
With reference to the timing diagrams, a high is defined as 80% of signal value and low is defined as 20%
of signal value. All parameters are given in nanoseconds. The BGA contact load used in calculations is
20 pF (except for NF16 - 40 pF) and there is maximum drive strength on all contacts.
All timing parameters are a function of T, which is the period of the flash_clk clock (“enfc_clk” at system
level). This clock frequency can be controlled by the user, configuring CCM (SoC clock controller). The
clock is derived from emi_slow_clk after single divider.
Figure 35 demonstrates several examples of clock frequency settings.
NOTE
A potential limitation for minimum clock frequency may exist for some
devices. When the clock frequency is too low, the data bus capturing might
occur after the specified trhoh (RE_B high to output hold) period. Setting the
clock frequency above 25.6 MHz (that is, T = 39 ns) guaranties a proper
operation for devices having trhoh > 15 ns. It is also recommended that the
NFC_FREQ_SEL Fuse be set accordingly to initiate the boot with
33.33 MHz clock.
4 T
dpdref is the time period of the reference clock after predivider. According to the specification, the maximum lock time in FOL
mode is 398 cycles of divided reference clock when DPLL starts after full reset.
5 Tdck is the time period of the output clock, dpdck_2.
Table 35. NFC Clock Settings Examples
emi_slow_clk (MHz)
nfc_podf (Division Factor)
enfc_clk (MHz)
T-Clock Period (ns)
100 (Boot mode)
71
1 Boot value NFC_FREQ_SEL Fuse High (burned)
14.29
70
32
2 Boot value NFC_FREQ_SEL Fuse Low
33.33
30
133
4
33.33
30
3
44.333
3 For RBB_MODE=1, using NANDF_RB0 signal for ready/busy indication. This mode require setting the delay line. See the
Reference Manual for details.
22.5
2663
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com