Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53CEC Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
70
Freescale Semiconductor
Electrical Characteristics
4.7.2.2
CSPI Slave Mode Timing
Figure 33 depicts the timing of CSPI in slave mode. Timing characteristics were not available at the time
of publication.
Figure 33. CSPI/ECSPI Slave Mode Timing Diagram
4.7.2.3
ECSPI Master Mode Timing
Figure 32 depicts the timing of ECSPI in master mode. Table 47 lists the ECSPI master mode timing
characteristics.
CS9
MISO Hold Time
tHmiso
5—
ns
CS10
RDY to SSx Time2
tSDRY
5—
ns
1 See specific I/O AC parameters Section 4.5, “I/O AC Parameters”
2 SPI_RDY is sampled internally by ipg_clk and is asynchronous to all other CSPI signals.
Table 47. ECSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
SCLK Cycle Time–Read
SCLK Cycle Time–Write
tclk
30
15
—ns
CS2
SCLK High or Low Time–Read
SCLK High or Low Time–Write
tSW
14
7
—ns
CS3
SCLK Rise or Fall1
tRISE/FALL
——
ns
CS4
SSx pulse width
tCSLH
Half SCLK period
—
ns
CS5
SSx Lead Time (CS setup time)
tSCS
5—
ns
CS6
SSx Lag Time (CS hold time)
tHCS
5—
ns
CS7
MOSI Propagation Delay (CLOAD =20pF)
tPDmosi
-0.5
2.5
ns
CS8
MISO Setup Time
tSmiso
8.5
—
ns
Table 46. CSPI Master Mode Timing Parameters (continued)
ID
Parameter
Symbol
Min
Max
Unit
CS1
CS7
CS8
CS2
CS2
CS4
CS6
CS5
CS9
SCLK
SSx
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com