Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 20Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 21Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 22Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 23Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 24Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 25Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 26Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 27Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Table 14. More Excitation Information, Received from the Master.
Current Limitation(26)
A
00000
No Limit
00001
2.0
00010
2.0
00011
2.0
00100
2.0
00101
2.0
00110
2.0
00111
2.0
01000
2.0
01001
2.25
01010
2.5
01011
2.75
01100
3.0
01101
3.25
01110
3.5
01111
3.75
10000
4.0
10001
4.25
10010
4.5
10011
4.75
10100
5.0
10101
5.25
10110
5.5
10111
5.75
11000
6.0
11001
6.25
11010
6.5
11011
6.75
11100
7.0
11101
7.25
11110
7.5
11111
7.75
Notes
26.
Default is “00000”, no limitation.
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
80310
FUNCTIONAL DEVICE OPERATION
COMMAND TABLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com