Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 2Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 3Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 4Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 5Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 6Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 7Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 9Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
80310
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Electrical parameters are tested at die level from 30 to 140 °C. Typical values noted reflect the approximate parameter mean
at TA = 25 °C under nominal conditions, unless otherwise noted. Parametric guaranteed from TJ = -40 to 150 °C, unless otherwise
noted. Operation is guaranteed by design up to TJ-TSD.
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Voltage, VB+A
VB+A
8.0
27
V
Bus Operating Voltage (LIN)
VBUS
8.0
18
V
Quiescent Current at VB+A=12.5 V (Phases at 0 V)
(including phase currents at 25 °C)
ISB2.B+A-0
110
μA
Quiescent Current at VB+A=12.5 V (Phases at 12.5 V)
(including phase currents at 25 °C)
ISB2.B+A-1
250
μA
Operating Current
no EXC Load at 25 °C and VB+A = 13 V
IOP
12
16
mA
Range of Regulation Voltage (50% DC)
VREG
10.60
16.0
V
VREG Setting Accuracy Voltage
at 50% for VREG = 13.8 V and TJ = 25 oC
ΔVREG1
-100
+100
mV
VREG Setting Accuracy Voltage
at 50% for VREG = 10.7 V and VREG = 16 V and TJ = 25 oC
ΔVREG2
-150
+150
mV
Load Dump Detection Threshold Voltage
VLD
21
V
ΔVREG with Load Voltage(7)
ΔVREG-L
-150
0
mV
ΔVREG with Speed Voltage(8)
ΔVREG-S
-100
100
mV
RDS-ON FIELD TMOS at IEXC = 5.0 A and TJ = 140 oC(9)
RDS.ON.EXC
100
m
Ω
Over-voltage Detection(10)
VEXC.SEN
0.3
0.6
1.0
V
Recirculation Diode Voltage at 5.0 A (Excitation Current)
VF
1.2
1.5
V
Phase Input High Threshold Voltage (PHASE OK)
VP-H
8.0
V
Phase Input High Hysteresis Voltage (PHASE OK)
VPH-HYST
1.0
V
Over-voltage (Fault) Threshold Voltage
VOV
16.2
16.5
V
EXC Short-circuit Protection Threshold(11)
IEXC-SC
10
A
LIN Peak Short-circuit Current
ILIN-SC
62
150
mA
Notes
7.
Changing load from 5% to 90% of alternator capability.
8.
At low load (5%) and varying alternator speed from 2000 RPM to 18000 RPM. By design, not tested.
9.
The thermal capability of the packaging is critical to the full use of the output drive.
10.
If there is a high voltage and the EXC pin is above this voltage a fault is detected.
11.
Pulsed at low duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com