Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 11Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 12Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 13Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 14Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 15Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 16Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 17Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 18Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
80310
FUNCTIONAL DEVICE OPERATION
STATE MACHINE
LRC mode is active until the detection of phase stop
regulating RPM (fSTOP). In this case, the device goes back to
the pre-excitation mode. If the phase frequency reaches the
LRC disable RPM default (fLRC), the device goes into
regulation without LRC.
REGULATION WITHOUT LRC:
This mode is active when the phase frequency is above
the LRC disable RPM default (fLRC), the first VREG was
reached with LRC.
The excitation is controlled only by the internal comparator
of B+A and VREG. The DC can not be lower than DCMIN.
If the phase frequency goes below the LRC disable RPM
default (fLRC), then the 80310 comes back to the regulation
with LRC mode. If the phase frequency goes below the phase
stop regulating RPM, the device goes to pre-excitation mode.
RE-REGULATION:
The excitation is forced to 100%. This mode is active if
there is no high phase on non active phase (PHx < VPH) in
the previous cycle, until the high phase comes back. At the
end of the 8th cycle, if there is still no high phase, the
regulation mode is set off and the device goes back to the
regulation mode with or without LRC.
B+A is lower than VREG. In any case, DC cannot be lower
than DCMIN.
.
Ph ase < LR C
R EGUL ATION w LRC
PR E-EXC
No High Ph ase1 in th e
pr ev io us cycle an d P hase
Regu lation is ON
Ph ase
REG ULAT ION
(High Phase1 appears) o r
(1 00% DC du rin g 8 cycles = > Phase
Regu lation set OF F)
REG ULAT ION w/o LRC
No Hig h Ph ase1 in th e
pr eviou s cycle an d Ph ase
Regu lation is ON
P hase
REGU LATION
(High P hase1 ap pear s) or
(10 0% DC d uring 8 cycles =>
Phase Regulation set OFF)
P hase > Start
Phase < Sto p
Phase > LRC
an d first Vreg reached
with LR C
Ph ase < Stop
-
POR
-
L IN Tim eo ut with no Ph ase
-
L IN M ID3 C if n vm _ lin _special
Wake-u p on
Pha se
S tandby
Ed ge on Phase
. Restart tim er 10 0m s
EX C 100% DC
Ph ase > Star t_ aa
. R estart timer 1 00 ms
Hig h Ph ase1
ap pears
Time out 100 m s
Tim e ou t 100 m s
LIN C om m and with V reg <> 1 0.6 V:
-
MID 29 if n vm _ALT1
-
MID 2A if nv m _ALT 2
-
MID 2B if nvm _lin_special
Figure 10. Self-start State Machine
This state machine runs only if self-start option has been
programmed.
STANDBY:
The 80310 is in Standby mode if there is a LIN timeout,
and in absence of alternator rotation (no phase), if power and
reset (POR), or with a LIN MID3C command, if
nvm_lin_special is set.
• There is no excitation
• The duty cycle (DC) is equal to zero
The device needs a small amount of quiescent current to
feed some functions such as oscillator.
LIN timeout means:
• No activity on the LIN bus during a specified time
• or on a LIN watchdog timeout during a specified time
WAKE-UP:
This state is reached when an edge is detected on the
phase (Phase voltage > Phase sensitivity)
• The logic is out of reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com