Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 6Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 7Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 9Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 10Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 11Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 12Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 13Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
80310
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Bandgap
Integrated Supply
TC80310 - Functional Block Diagram
Logic & Control
A/D Converter
Supply Voltage
Logic& Control
Power
Clock
OTP
Digital
Die Temperature
Phase Low & High
Power Stage
Divider/Filter
POR
LIN
Charge Pump
Drive and
Protection
Current
Measurement
Figure 7. Functional Internal Block Diagram
SUPPLY VOLTAGE: FILTER/DIVIDER, BANDGAP,
AND POR
An input filter and divider provides a clean image of the
battery to the digital regulation loop circuit. The divider ratio
can be adjusted by OTP.
The supply block provides the voltages for the internal
blocks of the 80310:
• Main logic
• Analog permanently powered or not
• LIN transceiver
• Charge pump
The purpose of the POR block is to generate a clean
power-on signal to the main logic.
The Bandgap block provides the voltage and current
references for the other blocks.
POWER STAGE: CHARGE PUMP, DRIVE AND
PROTECTION, CURRENT MEASUREMENT
The power stage of the circuit consists of the gate driver
with a charge pump and protection to control a low side driver
switching the excitation current. A short-circuit is
instantaneously detected and the excitation current is turned
off until the next regulation cycle. A freewheeling diode is
inserted between the EXC and GND pins, across the
excitation coil for the energy recirculation.
The current measurement block provides a proportional
value of the excitation current flowing in the high side switch.
LOGIC AND CONTROL:
DIGITAL
The digital block gathers all the digital functions of the
device. The main functionality is described in the device
operation paragraph.
CLOCK
This block is the clock reference for the digital block. The
oscillator generates a 5.0 V square wave at the frequency of
4.0 MHz in Normal mode operation.
OTP
This block allows an easy configuration and adjustment of
the circuit. A set of NVM bits can be programmed during the
factory test phase. They are described in Table 6.
PHASE LOW & HIGH
The phase detector monitors the Phase inputs and sends
filtered low and high levels to the main logic when either one
has reached the detection level (1.0 V at startup and 8.0 V
afterwards).
ADC
The analog to digital converter is used in the voltage
regulation loop, in the current feedback and in temperature
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com