Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  80310 Datasheet HTML 1Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 2Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 3Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 4Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 5Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 6Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 7Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
AUTOMOTIVE ALTERNATOR
REGULATOR
ORDERING INFORMATION
Device
Temperature
Range (TJ)
Package
Devices part numbers are dependant on programming from
factory.
TO3 - Contact sales for information on limited engineering
sample quantities. Production version is die sales only.
TOP VIEW
80310
Document Number: TC80310
Rev 2.0, 5/2011
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2009-2011. All rights reserved.
Alternator Regulator with LIN
The 80310 is an integrated circuit intended to regulate the output
voltage of an automotive alternator.
The IC supplies a current via a high side MOSFET to the excitation
coil of the alternator and provides an internal freewheeling diode. It
keeps the battery at its nominal charge and delivers current to
electrical devices within the vehicle.
The 80310 also provides a load response control mechanism
(LRC), and has an interface for the industry standard LIN protocol
(Revision 1.3) to allow an ECU to control the regulated voltage and the
LRC rate among other parameters. The ECU also can read back
information about the status of the regulator and the alternator via LIN.
It can be programmed for most functions using OTP (Non-volatile
Memory) and fit a large number of alternators and applications.
Features
• High side field driver
• Internal freewheeling diode
•Up to 8.0 A rotor current (excitation coil)
• Load response control (LRC)
• Thermal protection
• Thermal compensation
• LIN interface
• Set point voltage selectable from 10.6 to 16 V
• Rotor control and die temperature monitoring via LIN
Stator
Rotor
Coil
Battery
+
-
B+A
PH1
PH2
EXC
LIN
SGND
TC80310
1.5
μF/2.2 μF
Alternator
GND
Master
ECU
Control
Diagnose
Figure 1. 80310 Simplified Application Diagram (LIN Mode)
Stator
Rotor
Coil
Battery
+
-
B+A
PH1
PH2
EXC
LIN
SGND
TC80310
1.5
μF/2.2 μF
Alternator
GND
Figure 2. 80310 Simplified Application Diagram (Standalone, Self-start Mode)


Similar Part No. - 80310

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
Alternator Regulator with LIN
More results

Similar Description - 80310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
logo
International Rectifier
IRVR101 IRF-IRVR101 Datasheet
110Kb / 15P
LIN Controlled Alternator Voltage Regulator
logo
ON Semiconductor
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
Alternator Regulator with LIN
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
Alternator regulator with LIN
Rev. 5.1-12 October 2017
logo
Infineon Technologies A...
TLE888 INFINEON-TLE888 Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE888X INFINEON-TLE888X Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
logo
NXP Semiconductors
TC80310 NXP-TC80310 Datasheet
937Kb / 31P
Alternator regulator with LIN
Rev. 5.0, 8/2016
logo
STMicroelectronics
L9918 STMICROELECTRONICS-L9918 Datasheet
1Mb / 109P
Alternator voltage regulator with LIN interface for 12 V applications
08-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com