Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 13Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 14Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 15Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 16Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 17Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 18Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 19Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 20Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
80310
FUNCTIONAL DEVICE OPERATION
COMMAND TABLES
COMMAND TABLES
Table 7. LIN Command Information
Function
LIN
Active Bits
VREG Digital
W
6
LRC Rate
W
4
LRC Disable Frequency
W
4
Excitation Current Limitation (0 A to 7.75 A)
W
5
Status & Diagnostic
R
5
EXC Duty-Cycle
R
5
Excitation Current
R
6(17)
Die Temperature
R
6(18)
Manufacturing Information
R
8
Notes
17.
This information is given as 6 bits and is only accurate:
a) from 0 °C to 25 °C:
- from 0 A to 3.875 A: +/- 375 mA
- from 3.875 A to 7.75 A:+/- 10%
b) outside the previous temperature range:
- from 0 to 3.875 A: +/-625 mA
- from 3.875 A to 7.75 A: +/-15%
Currents higher than 7.75 A, which may be possible at low temperature, are reported as 7.75 A. Excitation Current and Die Temperature
functions are exclusive.
18.
This gives a resolution of 3.5 degrees and the accuracy is +/-10 degrees. Excitation Current and Die Temperature functions are
exclusive.
Table 8. LIN Byte/Direction Data Format
MID (hex) ID [5:1]
Bytes
Direction(19)
Message Name
ALTERNATOR A
29
4
M to S
Write Regulator Control Data to Alt. A
11
2
S to M
Read Regulator Status 2 Bytes from Alt. A
12
2
S to M
Read Regulator Identifier 2 Bytes from Alt. A
ALTERNATOR B
2A
4
M to S
Write Regulator Control Data to Alt. B
13
2
S to M
Read Regulator Status 2 Bytes from Alt. B
14
2
S to M
Read Regulator Identifier 2 Bytes from Alt. B
GLOBAL
2B
4
M to S
Write Regulator Control Data to Alt. A and Alt. B
3C
4
M to S
Global Sleep Command (first byte 0x00)
Notes
19.
M to S = Master to Slave; S to M = Slave to Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com