Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 9Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 10Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 11Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 12Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 13Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 14Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 15Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
80310
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
The following figure describes the battery operating voltage.
MAX RATING
40 V
27 V (1.0 MIN.)
21 V
16.5 V
16 V
13.8 V
10.6 V
8.5 V
5.0 V
-2.4 V (5.0 SEC.)
DC BATTERY VOLTAGE
MAX RATING
LOAD DUMP DETECTION, EXCITATION OFF
EXCITATION WITH MINIMUM PWM DUTY-CYCLE
OVER-VOLTAGE FAULT
REGULATION RANGE (PWM REGULATION)
EXCITATION AVAILABLE WITH 100% OF DUTY-CYCLE
(TARGETED VALUE IN LOGIC RAM)
PREVIOUS LOGIC CONFIGURATION IS MAINTAINED.
(LAST TARGETED VALUE STORED IN LOGIC RAM). 100% DUTY-CYCLE. NO LRC.
LOGIC RESET (DEFAULT TARGET OF REGULATION)
DETECTION (16.5 V)
Figure 8. Battery Operating Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com