Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 10Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 11Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 12Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 13Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 14Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 15Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 16Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 17Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
80310
FUNCTIONAL DEVICE OPERATION
STATE MACHINE
STATE MACHINE
The following diagram describes the state machine of the TC80310:
Standby
No edge on Phase but
Edge on LIN
(High Phase1 appears) or
(100%DC during 8 cycles =>
Phase Regulation set OFF)
-
POR
-
LIN Timeout with no Phase
-
LIN MID3C if nvm_lin_special
Wake-up
on LIN
LIN Command with Vreg <> 10.6V:
-
MID 29 if nvm_ALT1
-
MID2A if nvm_ALT2
-
MID2B if nvm_lin_special
REGULATION w LRC
PRE-EXC
No High Phase1 in the
previous cycle and Phase
Regulation is ON
Phase
REGULATION
REGULATION w/o LRC
No High Phase1 in the
previous cycle and Phase
Regulation is ON
(High Phase 1 appears) or
(100%DC during 8 cycles =>
Phase Regulation set OFF)
Phase > Start
Phase < Stop
Phase > LRC
and first Vreg reached with LRC
Phase < LRC
Phase < Stop
Edge on Phase
Wake-up
on Phase
See cont. in
Self-Start State
Machine
Phase
REGULATION
- LIN = 10.6V with no Phase
- LIN = 10.6V whatever the Phase if
nvm_106V_ref_off
Regulation
Phase
Regulation
Phase
Figure 9. LIN Wake-up State Machine
STANDBY:
The 80310 is in standby mode, if there is a LIN timeout and
in absence of alternator rotation (no phase), or in case of
power and reset (POR), or with a LIN MID3C command if
nvm_lin_special is set
• There is no excitation.
• The duty cycle (DC) is equal to zero.
The device needs a small amount of quiescent current to
feed some functions such as oscillator.
LIN timeout means:
• No activity on the LIN bus during a specified time
• or on a LIN watchdog timeout during a specified time
WAKE-UP:
This state is reached when a transition is detected on the
communication interface.
• The logic is out of reset.
• All the blocks are on.
• There is no regulation. DC = 0%
After a LIN timeout, if no valid instruction is decoded, then
the device goes back into Stand-by mode.
PRE-EXC:
The pre-excitation state is reached as soon as a valid
instruction for the regulated value (VREG), different from
10.6 V, is decoded.
If B+A is lower than the expected (VREG), then the duty
cycle is equal to DCSTART UP, or else DCMIN.
The purpose of pre-excitation is to increase the
magnetization of the alternator, to guarantee a minimum
phase voltage for the rotor speed measurement when the
engine starts.
The pre-excitation stays active until the detection of phase
starts regulating RPM (fSTART).
REGULATION WITH LRC:
In this mode, the 80310 regulates the alternator output to
the set reference level. The excitation is controlled by LRC if
this LRC mode is active until the detection of phase stop This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com