Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 12Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 13Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 14Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 15Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 16Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 17Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 18Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 19Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
80310
FUNCTIONAL DEVICE OPERATION
STATE MACHINE
• All the blocks are on
• There is no regulation. DC=0%
After a 100 ms timeout, if the speed has not reached
fSTART, then the device goes back to Standby mode.
EXCITATION 100% DC:
When the speed has reached Start_aa, then the device
goes into this state until the high phase appears, or during a
100 ms maximum.
• The logic is out of reset.
• All the blocks are on.
• There is no regulation. DC = 100%
Start_aa (see Table 1): is a special threshold for the self-
start when it is in Wake-up mode, before going in EXC 100%
DC, waiting for high phase. Once high phase appeared the
state machine is exactly the same as with LIN wake-up
Start_aa can be programmed at 3000 rpm or 4000 rpm.
REGULATION WITH LRC:
In this mode, the 80310 regulates the alternator output to
the set reference level. The excitation is controlled by LRC, if
B+A is lower than VREG. DC can not be lower than DCMIN.
This LRC mode is active until the detection of phase stop
regulating RPM (fSTOP). In this case, the device goes back to
the Pre-excitation mode. If the phase frequency reaches the
LRC disable RPM default (fLRC), the device goes into
regulation without LRC.
REGULATION WITHOUT LRC:
This mode is active when the phase frequency is above
the LRC disable RPM default (fLRC), the first VREG was
reached with LRC.
The excitation is controlled only by the internal comparator
of B+A and VREG. The DC can not be lower than DCMIN.
If the phase frequency goes below the LRC disable RPM
default (fLRC), then the 80310 comes back to the regulation
with LRC mode. If the phase frequency goes below the phase
stop regulating RPM, the device goes to Pre-excitation mode.
RE-REGULATION:
The excitation is forced to 100%. This mode is active if
there is no high phase on non active phase (PHx < VPH) in
the previous cycle, until the high phase comes back. At the
end of the 8th cycle, if there is still no high phase, the
regulation mode is set to off and the device goes back to the
regulation mode, with or without LRC.
LIN BUS INFORMATION:
The operational control and programming, required in the
end application, is carried out through the LIN interface. Refer
to Tables 7 to 15.
The regulator shall only give pre-excitation when it
receives a LIN command targeted for it, the shutdown
command is the code that would otherwise set 10.6 V
(“000000”).
LIN addresses are listed in MID format, Table 8, while the
data fields are listed in [MSB:LSB] format
Table 10 lists the values for the Target/Programmed
Regulated voltage contained in the Alternator A/B write data
field (ID=29, 2A), byte 1.
Table 11 lists the values for the LRC Ramp Time and
Ramp Cut-off contained in the Alternator A/B write data field
(ID=29,2A), byte 2.
Table 12 lists the values for the die Temperature
contained in the Alternator A/B read data field (ID=11, 13),
byte 2.
Table 13 lists the values for the alternator Excitation
Current contained in the Alternator A/B read data field(ID=11,
13), byte 2, as well as the Excitation duty cycle contained in
the Alternator A/B read data field (ID=11, 13), byte1.
Table 14 lists values for the excitation Current Limit
contained in the Alternator A/B write data field (ID=29, 2A),
byte 3.
Table 15 lists the values for the alternator Manufacturer
and Class code contained in the Alternator A/Bread data field
(ID=12, 14), byte 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com