Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 16Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 17Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 18Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 19Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 20Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 21Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 22Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 23Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Table 10. Target/Programmed Voltage
Code
V
Code
V
000000
10.6/OFF(21)
100000
13.8(22)
000001
10.7
100001
13.9
000010
10.8
100010
14.0
000011
10.9
100011
14.1
000100
11.0
100100
14.2
000101
11.1
100101
14.3
000110
11.2
100110
14.4
000111
11.3
100111
14.5
001000
11.4
101000
14.6
001001
11.5
101001
14.7
001010
11.6
101010
14.8
001011
11.7
101011
14.9
001100
11.8
101100
15.0
001101
11.9
101101
15.1
001110
12.0
101110
15.2
001111
12.1
101111
15.3
010000
12.2
110000
15.4
010001
12.3
110001
15.5
010010
12.4
110010
15.6
010011
12.5
110011
15.7
010100
12.6
110100
15.8
010101
12.7
110101
15.9
010110
12.8
110110
16.0
010111
12.9
110111
16.0
011000
13.0
111000
16.0
011001
13.1
111001
16.0
011010
13.2
111010
16.0
011011
13.3
111011
16.0
011100
13.4
111100
16.0
011101
13.5
111101
16.0
011110
13.6
111110
16.0
011111
13.7
111111
16.0
Notes
21.
If 000000 is sent the regulator will set 10.60 V or shutdown if no LIN command with a voltage setting
higher than 10.6 V was sent beforehand.
22.
Default for self-start, adjustable in OTP between 13.5 V and 15.0 V.
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
80310
FUNCTIONAL DEVICE OPERATION
COMMAND TABLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com