Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 22Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 23Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 24Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 25Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 26Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 27Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 28Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 29Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
80310
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSIS FEATURES
PROTECTION AND DIAGNOSIS FEATURES
FAULT DETECTION
General Notes
All fault reporting passes through a 400 ms digital filter to
avoid false indication problems, and transition from one fault
type to another should be “clean”.
MECHANICAL FAULT (F_MEC)
The Phase is off (Low Phase RPM below stop_regulation
threshold). Reported in Alternator A/B read data field (ID=11,
13), byte 1.
ELECTRICAL FAULT (F_EL)
If one of these faults appear:
• The number of “1”s in all the OTP bits, NVM[80:1] is not
ODD. The parity bit is included in the calculation
• The Phase is on (Low Phase RPM above
stop_regulation threshold) but High Phase 1 is not
detected
• B+A reaches 16.5 V with EXC at 100% DC
• Short circuit excitation load
• B+A stays at 75% of the target voltage when LRC is off
Note: This 5th additional condition is enabled only when
the NVM bit “Low Voltage Threshold” is enabled. Reported in
Alternator A/B read data field (ID=11, 13), byte 1.
ELECTRICAL FAULT (HP MASK)
A fault detection when High phase signal is cut is reported
on the electrical fault.
Option (OTP) available to remove this fault detection.
THERMAL FAULT (F_HT)
A thermal fault is reported when the die temperature
exceeds the programmed threshold. Reported in Alternator
A/B read data field (ID=11, 13), byte 1.
The programmed threshold in hexadecimal corresponds
to the following temperature in degrees:
• 6'b110010;//135degres
• 6'b110100;//145degres
• 6'b110110;//150degres
• 6'b111001;//160degres
ADDITIONAL ERRORS
LIN Bus Timeout
Check two timeouts:
• Activity on RXD is below 3 or 8 seconds (depending on
the OTP bit)
• Time between two consecutive valid messages is below
3 or 8 seconds (depending on the OTP bit)
This flag is reset once the microcontroller sends MID 11 for
ALTA, or MID 13 for Alt B. Reported in Alternator A/B read
data field (ID=11, 13), byte 2.
Comm Error
Checks the ID parity bits + Checksum byte + (TXD = RXD
when responding) + LIN Physical layout not in over-current
limitation. Reported in Alternator A/B read data field (ID=11,
13), byte 2.
LIN protocol errors:
• Sync Break Error: This flag is up when Synchro break
Field duration is lower than 10Tbits.
• Identifier parity Error: Comm error flag also reported in
MID11
• Checksum Error: Comm error flag also reported in
MID11
• Slave not responding Error: Tframe Max exceeded (LIN
Specification revision 1.3).
These flags are reset once the microcontroller sends MID
12 for ALTA, or MID 14 for Alt B. Reported in Alternator A/B
read data field (ID=12, 14), byte 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com