Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 3Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 4Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 5Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 6Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 7Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 9Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 10Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
80310
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Bus Voltage Low Level Receive (LIN)(12)
VBUS-LOW-REC
0.3 * VB+A
V
Bus Voltage Low Level Send (LIN)(12)
VBUS-LOW-SEND
1.4
V
Bus Voltage High Level Receive (LIN)(12)
VBUS-HIGH-REC
0.7*VB+A
V
Bus Voltage High Level Send (LIN)(12)
VBUS-HIGH-SEND
6.4
V
Emergency Regulation Voltage(13)
VVCCLB
8.5
9.5
V
Notes
12.
Referred to regulator/alternator ground.
13.
Operates asynchronous to the regulation cycle in case of a very rapid drop in B+A, usually caused by adding a heavy load without a
battery in the system.
Table 4. Static Electrical Characteristics
Electrical parameters are tested at die level from 30 to 140 °C. Typical values noted reflect the approximate parameter mean
at TA = 25 °C under nominal conditions, unless otherwise noted. Parametric guaranteed from TJ = -40 to 150 °C, unless otherwise
noted. Operation is guaranteed by design up to TJ-TSD.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com