Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 21Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 22Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 23Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 24Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 25Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 26Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 27Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 28Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
80310
FUNCTIONAL DEVICE OPERATION
THERMAL COMPENSATION
THERMAL COMPENSATION
This function is activated when internal temperature is
above thermal threshold (135,145,150, or 160 degrees). In
this case, the V setting fixed by the LIN or by default is
compensated to reduce internal temperature. The de-rating
is calculated depending on the 4 categories of V setting.
Figure 11. Thermal Compensation
Table 15. Thermal Compensation
Ptc (mV/degree)
Thermal Threshold (degrees)
Vset[5:4]
Vset (V)
135
145
150
160
00
10.6-12.1 V
50
50
50
100
01
12.2-13.7 V
100
100
100
200
10
13.8-15.3 V
100
200
200
400
11
15.4-16 V
200
200
200
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com