Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 23Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 24Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 25Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 26Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 27Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 28Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 29Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 30Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 31Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
80310
PACKAGING
DIE CHARACTERISTICS
DIE CHARACTERISTICS
The die is designed to be fitted into a customer designed package, however as so many wiring configurations exist not all
may be possible from the same die design. Due to thermal considerations, soldering is the preferred die attach method, but under
some circumstances, conductive epoxy may be acceptable.
Table 16. Physical Die Characteristics.
Mechanical data
Length
Width
Units
Main Bonding Pad Size (200
μm wire)
0.66
0.5
mm
Die Size (Length x Width)
6.08
5.05
mm
Die Thickness
0.36
N/A
mm
Die Back Metal Composition
Cr/CrAg/Ag
N/A
N/A
Die Back Metal Thickness, Typical
2.1
N/A
μm
Die Top Metal Thickness, Typical
2.0
N/A
μm
Die Top Metal Composition
99.5 Al
0.5 Cu
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com