Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 15Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 16Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 17Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 18Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 19Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 20Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 21Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 22Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
80310
FUNCTIONAL DEVICE OPERATION
COMMAND TABLES
ALTERNATOR B
DATA FIELD DESCRIPTION FOR ALTERNATOR B READ COMMAND: ID = 13
7
6
5
4
3
2
1
0
BYTE 1
EXC Duty Cycle [4:0]
F_EL
F_MEC
F_HT
BYTE 2
LIN Bus Timeout
Com error
Measured Current or Temperature [5:0]
ALTERNATOR B
DATA FIELD DESCRIPTION FOR ALTERNATOR B READ COMMAND: ID = 14
7
6
5
4
3
2
1
0
BYTE 1
Manufacturer [2:0]
Class[4:0]
BYTE 2
0
0
0
0
Slave Not
Responding
Checksum
ID Parity Fault
Sync Break
Fault
GLOBAL
DATA FIELD DESCRIPTION FOR ALTERNATOR A+B WRITE COMMAND: ID = 2B(20)
7
6
5
4
3
2
1
0
BYTE 1
x
x
Target Voltage [5:0]
BYTE 2
Ramp Cutoff [3:0]
Ramp Rate [3:0]
BYTE 3
x
x
x
x
Current LImit [4:0]
BYTE 4
x
x
x
x
x
x
x
x
GLOBAL
DATA FIELD DESCRIPTION FOR ALTERNATOR A+B SLEEP COMMAND: ID = 3C(20)
7
6
5
4
3
2
1
0
BYTE 1
0
0
0
0
0
0
0
0
BYTE 2
x
x
x
x
x
x
x
x
BYTE 3
x
x
x
x
x
x
x
x
BYTE 4
x
x
x
x
x
x
x
x
Notes
20.
To access this command, NVM bit “Special LIN Features“ must have been programmed
Table 9. LIN Read/Write Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com