Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  80310 Datasheet HTML 1Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 2Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 3Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 4Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 5Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 6Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 7Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
80310
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Trim
Trim
Trim
4.0MHz
Low
Pas
Filter
1.2KHz
Buffer
Bandgap
T° Measurement
MUX
Current
Temperate
Bpa_sense_
buffer
ADC
10 Bits
Start
Conversion
End
Conversion
SUPPLY
10 Bits
Vlogic 5V
Vanalog 5V
Vanalog_
Vpump 5V
switch 5
CLK
Charge
Pump
Drive and
Protection
Current
Measurement
ON/OFF
S/C
Internal BUS
POR
OTP
CLK Phase
High Phase
Sensitivity
Phase
Processor
B + A
BUS
B +A
EXC
PGN
PH1
PH2
SGN
Digital Core
Figure 3. 80310 Simplified Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com