Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 80310 Datasheet HTML 23Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 24Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 25Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 26Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 27Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 28Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 29Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 30Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 31Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
80310
PACKAGING
OTP DEFAULT CONFIGURATION (WITHOUT ANY PROGRAMMING)
OTP DEFAULT CONFIGURATION (WITHOUT ANY PROGRAMMING)
Default Regulation Voltage: 13.5 V
Phase Start Regulation: 800 RPM
Phase Stop Regulation: 500 RPM
LRC disable: 2400 RPM
LRC Rate: No LRC
Alternator Pole-pairs: 6
Slave Address: MID 29/11/12
Self start: ON
Self start threshold: 3000 RPM
BUS Time-out: 3 s
LIN Readout: Current
Thermal Compensation Threshold: 160 °C
10.6 V Reg: OFF.
The 10.6 V command is a real 10.6 V regulation when phase is ON (if Programmed, this command becomes a
regulation OFF command; lower regulation command is 10.7 V)
EL Fault HP mask: ON
The fault detection when the high phase signal is cut, is reported on the electrical fault (if programmed, this part of the
electrical fault is masked)
Low voltage threshold: none
One pole Filter: No, default is 2 pole filter
Crest regulation: OFF
LIN Com with Global ID (MID 2B + 3C): OFF
CREST REGULATION
Crest regulation bit OFF: The product is in load dump mode. EXC is stopped when the internal filter reaches Load dump
detection threshold (21 V typ.). The delay is given by the internal filter (~1.0 ms).
Crest regulation bit is ON: The product is in crest regulation mode. EXC is stopped immediately when internal ADC reaches
21 V. The delay is given by the ADC (~16 µs).
For these two modes, Load Dump or Crest regulation, EXC is always OFF if the condition on B+A is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com