Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MPL3115A2
Sensors
22
Freescale Semiconductor, Inc.
7.1.2.1
Data Registers with F_MODE = 00 (FIFO Disabled)
When the FIFO subsystem data output register driver is disabled (F_MODE = 00), the register indicates the real-time status
information of the sample data.
PDR and POW flag generation is required for the Pressure/Altitude event flag generator to be enabled (PDEFE = 1) in the PT
Data Configuration Register (PT_DATA_CFG).
TDR and TOW flag generation is required for the Temperature event flag generator to be enabled (TDEFE = 1) in the PT Data
Configuration Register (PT_DATA_CFG).
PTDR and PTOW flag generation requires the DREM event flag generator to be enabled in the PT Data Configuration Register
(PT_DATA_CFG).
Table 12. DR_STATUS Register
765
43210
R
PTOW
POW
TOW
0
PTDR
PDR
TDR
0
W
Reset
000
00000
Table 13. DR_STATUS Bit Descriptions
Name
Description
PTOW
Pressure/Altitude OR Temperature data overwrite. PTOW is set to 1 whenever new data is acquired before completing the
retrieval of the previous set. This event occurs when the content of at least one data register (i.e. OUT_P, OUT_T) has been
overwritten. PTOW is cleared when the high-bytes of the data (OUT_P_MSB or OUT_T_MSB) are read, when F_MODE is
zero. PTOW is cleared by reading F_DATA register when F_MODE > 0.
Default value: 0
0: No data overwrite has occurred
1: Previous Pressure/Altitude or Temperature data was overwritten by new Pressure/Altitude or Temperature data before it
was read
POW
Pressure/Altitude data overwrite. POW is set to 1 whenever a new Pressure/Altitude acquisition is completed before the
retrieval of the previous data. When this occurs the previous data is overwritten. POW is cleared anytime OUT_P_MSB
register is read, when F_MODE is zero. POW is cleared by reading F_DATA register when F_MODE > 0.
Default value: 0
0: No data overwrite has occurred
1: Previous Pressure/Altitude data was overwritten by new Pressure/Altitude data before it was read
TOW
Temperature data overwrite. TOW is set to 1 whenever a new Temperature acquisition is completed before the retrieval of
the previous data. When this occurs the previous data is overwritten. TOW is cleared anytime OUT_T_MSB register is read,
when F_MODE is zero. TOW is cleared by reading F_DATA register when F_MODE > 0.
Default value: 0
0: No data overwrite has occurred
1: Previous Temperature data was overwritten by new Temperature data before it was read
PTDR
Pressure/Altitude OR Temperature data ready. PTDR signals that a new acquisition for either Pressure/Altitude or
Temperature is available. PTDR is cleared anytime OUT_P_MSB or OUT_T_MSB register is read, when F_MODE is zero.
PTDR is cleared by reading F_DATA register when F_MODE > 0.
Default value: 0
0: No new set of data ready
1: A new set of data is ready
PDR
Pressure/Altitude new data available. PDR is set to 1 whenever a new Pressure/Altitude data acquisition is completed. PDR
is cleared anytime OUT_P_MSB register is read, when F_MODE is zero. PDR is cleared by reading F_DATA register when
F_MODE > 0.
0: No new Pressure/Altitude data is available
1: A new set of Pressure/Altitude data is ready
TDR
Temperature new Data Available. TDR is set to 1 whenever a Temperature data acquisition is completed. TDR is cleared
anytime OUT_T_MSB register is read, when F_MODE is zero. TDR is cleared by reading F_DATA register when F_MODE
> 0.
0: No new Temperature data ready
1: A new Temperature data is ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com